Part Number Hot Search : 
6LR14 T3331 936806 936806 BDW940 LT1791CN EMIF0 B50TR10
Product Description
Full Text Search
 

To Download 380L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum snap-in capacitors 140 technology place liberty, sc 29657 (864) 843-2277, fax (864) 843-3800 http://www.cornell-dubilier.com e-mail: cde@cornell-dubilier.com 2.058 cornell dubilier your source for capacitor solutions specifications operating temperature: 40 ? to 85 ? up to 300 v, 25 ? to 85 ? 315 v rated voltage: 16 vdc to 500 vdc capacitance: 33 f to 270,000 f 20% leakage current: 3 cv a at 5 min. ripple current multipliers: ambient temperature frequency 60 hz 120 hz 500 hz 1 khz 10 khz & up 16-100 vdc 0.95 1.00 1.05 1.08 1.15 160-450 vdc 0.80 1.00 1.20 1.25 1.40 eia ripple life: 3,000 h @ full load at +85 ? per eia is-749 capacitance 20% esr 150% of limit dcl 100% of limit shelf life: 1000 h @ 85 ?, capacitance, esr and dcl, initial requirements vibration: 10 to 55 hz, 0.06?and 10 g max, 2 h in each plane notice: type 380L is not for new design. please substitute type 380Lx. types 380L, 382l, 380Lx & 382lx, 85 c high-capacitance snap-in the excellent value of type 380L/lx capacitors finds application in switching power supply input and output circuits and even motor drives where the high surface area of multiple units in parallel approaches the ripple capability of our type 520c computer-grade capacitor. type 380Lx delivers more capacitance per can size while type 380L gives lower esr for the same capacitance rating. type 382l gives the choice of 4 or 5 leads for stable, reverse proof mounting. 382lx is available with 4 pins. types 380L/lx & 4-pin mount 382lx (85 c) highlights w latest available ratings, worldwide w top performance in power supplies and motor drives w big selection of 46 case sizes w 2, 4 and 5 leads available 45 ? 60 ? 70 ? 85 ? 1.5 1.4 1.3 1.0 ripple type 381lx p 2.074 type 381lx p 2.074 life temp type 381lx p 2.074 more smaller type 380Lq p 2.054 free datasheet http://www..net/
aluminum snap-in capacitors 140 technology place liberty, sc 29657 (864) 843-2277, fax (864) 843-3800 http://www.cornell-dubilier.com e-mail: cde@cornell-dubilier.com 2.059 cornell dubilier your source for capacitor solutions outline drawings four pins 382l/lx (35 and 40 mm diameter) five pins 382l (40 and 50 mm diameter) notes: * use dummy terminals for mechanical support only. make no electrical connection because they resistively connect through the electrolyte to the negative terminal. ** safety vent may be on the bottom or on the side of the can. ** safety vent d+1max. pc board mounting holes bottom view v terminal standoff pin dimensions ** safety vent two pins 380L/lx (20 through 40 mm diameter) types 380L, 382l, 380Lx & 382lx, 85 c high-capacitance snap-in terminal connection 40 mm dia. 50 mm dia. a dummy negative ( ? ) b dummy dummy c positive (+) positive (+) d dummy positive (+) ? negative ( ? ) negative ( ? ) free datasheet http://www..net/
aluminum snap-in capacitors 140 technology place liberty, sc 29657 (864) 843-2277, fax (864) 843-3800 http://www.cornell-dubilier.com e-mail: cde@cornell-dubilier.com 2.060 cornell dubilier your source for capacitor solutions insulated case dimensions diameter length typical case ? ? weight code mm inches mm inches (grams) g01 20 0.79 25 0.98 14 g02 20 0.79 30 1.18 17 g03 20 0.79 35 1.38 19 g04 20 0.79 40 1.57 21 h20 22 0.87 20 0.79 14 h01 22 0.87 25 0.98 16 h02 22 0.87 30 1.18 19 h03 22 0.87 35 1.38 22 h04 22 0.87 40 1.57 24 h45 22 0.87 45 1.77 28 h05 22 0.87 50 1.97 31 j20 25 0.98 20 0.79 16 j01 25 0.98 25 0.98 20 j02 25 0.98 30 1.18 24 j03 25 0.98 35 1.38 27 j04 25 0.98 40 1.57 31 j45 25 0.98 45 1.77 35 j05 25 0.98 50 1.97 38 k20 30 1.18 20 0.79 25 k01 30 1.18 25 0.98 30 k02 30 1.18 30 1.18 35 k03 30 1.18 35 1.38 40 k04 30 1.18 40 1.57 44 k45 30 1.18 45 1.77 48 k05 30 1.18 50 1.97 53 diameter length typical case ? ? weight code mm inches mm inches (grams) a20 35 1.38 20 0.79 35 a01 35 1.38 25 0.98 42 a02 35 1.38 30 1.18 48 a03 35 1.38 35 1.38 54 a04 35 1.38 40 1.57 62 a45 35 1.38 45 1.77 67 a05 35 1.38 50 1.97 74 a06 35 1.38 63 2.48 88 a07 35 1.38 70 2.76 98 a08 35 1.38 80 3.15 112 a10 35 1.38 105 4.13 144 n04 40 1.57 40 1.57 82 n05 40 1.57 50 1.97 105 n06 40 1.57 63 2.48 130 n08 40 1.57 80 3.15 185 n10 40 1.57 105 4.13 265 b05 50 1.97 50 1.97 136 b06 50 1.97 63 2.48 168 b08 50 1.97 80 3.15 239 b09 50 1.97 92 3.62 241 b10 50 1.97 105 4.13 325 part numbering system 382lx 272 m 200 n05 2 v type capacitance tolerance rated case code insulation 382l/lx 380L (2 pins) 272 = 2700 ? m = 20% voltage 2 = pvc 5 pin mount 380Lx (2 pins) 333 = 33000 ? vdc blank = 4 pins 382l (4 or 5 pins) (35 or 40 mm dia) 382lx (4 or 5 pins) v = 5 pins (40 or 50 mm dia) types 380L, 382l, 380Lx & 382lx, 85 c high-capacitance snap-in life test data 380L222m050k012 capacitance, df, leakage current life test data 380Lx222m100j042 capacitance, df, leakage current typical performance curves free datasheet http://www..net/
aluminum snap-in capacitors 140 technology place liberty, sc 29657 (864) 843-2277, fax (864) 843-3800 http://www.cornell-dubilier.com e-mail: cde@cornell-dubilier.com 2.061 cornell dubilier your source for capacitor solutions typical performance curves types 380L, 382l, 380Lx & 382lx, 85 c high-capacitance snap-in ratings 16 vdc (20 vdc surge) 4700 380L472m016h012 0.099 0.075 1.60 1.80 22x25 4700 380Lx472m016h202 0.141 0.107 1.60 1.80 22x20 6800 380L682m016h022 0.068 0.051 1.80 2.10 22x30 6800 380L682m016j012 0.068 0.051 1.80 2.10 25x25 6800 380Lx682m016g012 0.098 0.074 3.20 3.70 20x25 6800 380Lx682m016j202 0.098 0.074 1.80 2.10 25x20 8200 380Lx822m016g022 0.081 0.061 3.50 4.00 20x30 10000 380L103m016h042 0.046 0.035 2.40 2.80 22x40 10000 380L103m016j022 0.046 0.035 2.40 2.80 25x30 10000 380L103m016k012 0.046 0.035 2.40 2.80 30x25 10000 380Lx103m016g032 0.066 0.050 3.80 4.40 20x35 10000 380Lx103m016h022 0.066 0.050 3.80 4.30 22x30 10000 380Lx103m016j012 0.066 0.050 3.80 4.30 25x25 10000 380Lx103m016k202 0.066 0.050 2.40 2.80 30x20 12000 380Lx123m016g032 0.055 0.042 4.50 5.20 20x35 12000 380Lx123m016h022 0.055 0.042 4.50 5.20 22x30 12000 380Lx123m016j012 0.055 0.042 4.50 5.20 25x25 15000 380L153m016h052 0.031 0.023 3.20 3.70 22x50 15000 380L153m016j042 0.031 0.023 3.20 3.70 25x40 15000 380L153m016k022 0.031 0.023 3.20 3.70 30x30 15000 380Lx153m016g042 0.044 0.033 5.30 6.10 20x40 15000 380Lx153m016h032 0.044 0.033 5.30 6.00 22x35 15000 380Lx153m016j022 0.044 0.033 5.30 6.00 25x30 15000 380Lx153m016a202 0.044 0.033 3.20 3.70 35x20 18000 380Lx183m016h042 0.037 0.028 5.60 6.40 22x40 18000 380Lx183m016j022 0.037 0.028 5.60 6.40 25x30 22000 380L223m016j052 0.021 0.016 3.60 4.10 25x50 max. esr ripple amps nominal cap. catalog ? @ 25 ? max. @ 85 ? size dxl ? number 120 hz 20 khz 120 hz 20 khz (mm) 16 vdc (20 vdc surge) (cont?) 22000 380L223m016k042 0.021 0.016 3.60 4.10 30x40 22000 380L223m016a022 0.021 0.016 3.60 4.10 35x30 22000 380Lx223m016h452 0.030 0.023 6.10 7.20 22x45 22000 380Lx223m016j032 0.030 0.023 6.10 7.00 25x35 22000 380Lx223m016k022 0.030 0.023 6.10 7.00 30x30 27000 380Lx273m016j452 0.025 0.019 6.30 7.30 25x45 27000 380Lx273m016k032 0.025 0.019 6.30 7.30 30x35 33000 380L333m016k052 0.014 0.011 4.40 5.10 30x50 33000 380L333m016a042 0.014 0.011 4.40 5.10 35x40 33000 380Lx333m016j052 0.020 0.015 6.80 7.80 25x50 33000 380Lx333m016k042 0.020 0.015 6.80 7.90 30x40 33000 380Lx333m016a022 0.020 0.015 6.80 7.90 35x30 39000 380Lx393m016k452 0.017 0.013 6.90 7.90 30x45 39000 380Lx393m016a032 0.017 0.013 6.90 8.00 35x35 47000 380Lx473m016k052 0.018 0.014 7.50 8.60 30x50 47000 380Lx473m016a042 0.018 0.014 7.50 8.60 35x40 56000 380Lx563m016a452 0.017 0.013 8.70 10.00 35x45 56000 382lx563m016n042 0.022 0.021 6.80 7.90 40x40 68000 380Lx683m016a052 0.017 0.013 9.00 10.40 35x50 68000 382l683m016n052 0.018 0.010 9.60 10.50 40x50 82000 380Lx823m016a062 0.018 0.014 9.90 11.40 35x63 82000 382lx823m016n052 0.019 0.014 10.30 11.80 40x50 100000 380Lx104m016a082 0.019 0.010 11.00 12.70 35x80 100000 382lx104m016n062 0.020 0.015 11.40 13.00 40x63 120000 380Lx124m016a102 0.014 0.013 12.81 14.73 35x105 120000 382lx124m016b052v 0.014 0.013 13.17 15.15 50x50 120000 382lx124m016n082 0.018 0.014 12.40 14.30 40x80 max. esr ripple amps nominal cap. catalog ? @ 25 ? max. @ 85 ? size dxl ? number 120 hz 20 khz 120 hz 20 khz (mm) life test data 380Lx151m400j02 capacitance, df, leakage current life test data 380Lx331m450k052 capacitance, df, leakage current free datasheet http://www..net/
aluminum snap-in capacitors 16 vdc (20 vdc surge) (cont?) 150000 382lx154m016b062v 0.012 0.011 14.40 16.56 50x63 180000 382lx184m016b082v 0.011 0.010 15.69 18.04 50x80 180000 382lx184m016n102 0.013 0.012 14.85 17.08 40x105 220000 382lx224m016b092v 0.010 0.009 16.73 19.24 50x92 270000 382lx274m016b102v 0.009 0.008 17.79 20.46 50x105 25 vdc (32 vdc surge) 3300 380L332m025h012 0.121 0.091 1.60 1.80 22x25 3300 380Lx332m025h202 0.161 0.122 1.60 1.80 22x20 4700 380L472m025h022 0.085 0.064 1.80 2.10 22x30 4700 380L472m025j012 0.085 0.064 1.80 2.10 25x25 4700 380Lx472m025g012 0.113 0.085 3.10 3.50 20x25 4700 380Lx472m025j202 0.113 0.085 1.80 2.10 25x20 5600 380Lx562m025g022 0.095 0.072 3.40 3.90 20x30 6800 380L682m025h042 0.059 0.045 2.30 2.60 22x40 6800 380L682m025j022 0.059 0.045 2.30 2.60 25x30 6800 380L682m025k012 0.059 0.045 2.30 2.60 30x25 6800 380Lx682m025g032 0.078 0.059 3.50 4.00 20x35 6800 380Lx682m025h022 0.078 0.059 3.50 4.00 22x30 6800 380Lx682m025j012 0.078 0.059 3.50 4.00 25x25 6800 380Lx682m025k202 0.078 0.059 2.30 2.60 30x20 8200 380Lx822m025g042 0.065 0.049 3.60 4.10 20x40 8200 380Lx822m025h022 0.065 0.049 3.60 4.10 22x30 8200 380Lx822m025j012 0.065 0.049 3.60 4.10 25x25 10000 380L103m025h052 0.040 0.030 2.70 3.10 22x50 10000 380L103m025j042 0.040 0.030 2.70 3.10 25x40 10000 380L103m025k022 0.040 0.030 2.70 3.10 30x30 10000 380Lx103m025h032 0.053 0.040 3.80 4.30 22x35 10000 380Lx103m025j022 0.053 0.040 3.80 4.30 25x30 10000 380Lx103m025k012 0.053 0.040 3.80 4.30 30x25 10000 380Lx103m025a202 0.053 0.040 2.70 3.10 35x20 12000 380Lx123m025h042 0.044 0.033 4.10 4.70 22x40 12000 380Lx123m025j032 0.044 0.033 4.10 4.70 25x35 12000 380Lx123m025k022 0.044 0.033 4.10 4.70 30x30 15000 380L153m025j052 0.027 0.020 3.40 3.90 25x50 15000 380L153m025k042 0.027 0.020 3.40 3.90 30x40 15000 380L153m025a022 0.027 0.020 3.40 3.90 35x30 15000 380Lx153m025h052 0.035 0.026 4.60 5.30 22x50 15000 380Lx153m025j042 0.035 0.026 4.60 5.30 25x40 15000 380Lx153m025k022 0.035 0.026 4.60 5.30 30x30 18000 380Lx183m025j452 0.029 0.022 5.50 6.30 25x45 18000 380Lx183m025k032 0.029 0.022 5.50 6.30 30x35 22000 380L223m025k052 0.018 0.014 4.20 4.80 30x50 22000 380L223m025a042 0.018 0.014 4.20 4.80 35x40 22000 380Lx223m025j052 0.024 0.018 6.10 7.00 25x50 22000 380Lx223m025k042 0.024 0.018 6.10 7.00 30x40 27000 380Lx273m025k452 0.020 0.015 6.20 7.10 30x45 27000 380Lx273m025a03 0.020 0.015 6.20 7.10 35x35 33000 380Lx333m025k052 0.016 0.015 6.80 7.90 30x50 33000 380Lx333m025a042 0.016 0.015 6.80 7.90 35x40 33000 382l333m025n042 0.026 0.016 7.30 8.00 40x40 39000 380Lx393m025a452 0.016 0.012 7.40 8.50 35x45 39000 382lx393m025n042 0.020 0.018 8.00 9.20 40x40 47000 380Lx473m025a052 0.015 0.011 8.00 9.20 35x50 47000 380L473m025a062 0.017 0.009 8.30 9.50 35x63 47000 382l473m025n052 0.019 0.012 8.40 9.70 40x50 56000 380L563m025a072 0.015 0.008 9.10 10.30 35x70 56000 382l563m025n062 0.015 0.009 9.50 10.30 40x63 56000 380Lx563m025a062 0.017 0.013 8.60 9.90 35x63 56000 382lx563m025n052 0.018 0.014 9.00 10.30 40x50 68000 380Lx683m025a082 0.017 0.013 9.40 10.90 35x80 68000 382lx683m025n062 0.018 0.014 9.80 11.20 40x63 82000 382l823m025n082 0.011 0.007 11.20 11.80 40x80 82000 382lx823m025b052v 0.016 0.015 12.29 14.13 50x50 100000 380Lx104m025a102 0.010 0.008 11.97 13.77 35x105 100000 382lx104m025b062v 0.014 0.013 13.45 15.47 50x63 25 vdc (32 vdc surge) (cont?) 100000 382lx104m025n082 0.018 0.014 11.70 13.40 40x80 120000 382lx124m025b082v 0.012 0.011 15.29 17.58 50x80 150000 382lx154m025n102 0.011 0.010 14.07 16.18 40x105 150000 382lx154m025b092v 0.011 0.010 16.01 18.41 50x92 180000 382lx184m025b102v 0.010 0.009 16.89 19.42 50x105 35 vdc (44 vdc surge) 2200 380L222m035h012 0.151 0.115 1.40 1.60 22x25 2200 380Lx222m035h202 0.211 0.160 1.40 1.60 22x20 3300 380L332m035h022 0.100 0.076 1.70 2.00 22x30 3300 380L332m035j012 0.100 0.076 1.70 2.00 25x25 3300 380Lx332m035g012 0.141 0.107 2.70 3.10 20x25 3300 380Lx332m035j202 0.141 0.107 1.70 2.00 25x20 3900 380Lx392m035g022 0.119 0.090 2.90 3.40 20x30 4700 380L472m035h042 0.071 0.054 2.00 2.30 22x40 4700 380L472m035j022 0.071 0.054 2.00 2.30 25x30 4700 380L472m035k012 0.071 0.054 2.00 2.30 30x25 4700 380Lx472m035g032 0.099 0.075 3.30 3.70 20x35 4700 380Lx472m035h022 0.099 0.075 3.30 3.70 22x30 4700 380Lx472m035j012 0.099 0.075 3.30 3.70 25x25 4700 380Lx472m035k202 0.099 0.075 2.00 2.30 30x20 5600 380Lx562m035g042 0.083 0.063 3.40 3.90 20x40 5600 380Lx562m035h022 0.083 0.063 3.40 3.90 22x30 5600 380Lx562m035j012 0.083 0.063 3.40 3.90 25x25 6800 380L682m035h052 0.049 0.037 2.40 2.80 22x50 6800 380L682m035j042 0.049 0.037 2.40 2.80 25x40 6800 380L682m035k022 0.049 0.037 2.40 2.80 30x30 6800 380Lx682m035h032 0.068 0.051 3.70 4.20 22x35 6800 380Lx682m035a202 0.068 0.051 2.40 2.80 35x20 6800 380Lx682m035j022 0.069 0.051 3.70 4.20 25x30 8200 380Lx822m035h042 0.057 0.043 4.00 4.60 22x40 8200 380Lx822m035j032 0.057 0.043 4.00 4.60 25x35 10000 380L103m035j052 0.033 0.025 3.00 3.50 25x50 10000 380L103m035k042 0.033 0.025 3.00 3.50 30x40 10000 380L103m035a022 0.033 0.025 3.00 3.50 35x30 10000 380Lx103m035h452 0.046 0.035 4.40 5.10 22x45 10000 380Lx103m035j042 0.046 0.035 4.40 5.10 25x40 10000 380Lx103m035k022 0.046 0.035 4.40 5.10 30x30 10000 380Lx103m035a012 0.046 0.035 4.40 5.10 35x25 12000 380Lx123m035j452 0.039 0.029 5.10 5.80 25x45 12000 380Lx123m035k032 0.039 0.029 5.10 5.80 30x35 12000 380Lx123m035a022 0.039 0.029 5.10 5.80 35x30 15000 380L153m035k052 0.022 0.017 3.70 4.30 30x50 15000 380L153m035a042 0.022 0.017 3.70 4.30 35x40 15000 380Lx153m035j052 0.031 0.023 5.60 6.40 25x50 15000 380Lx153m035k042 0.031 0.023 5.60 6.40 30x40 15000 380Lx153m035a022 0.031 0.023 5.60 6.40 35x30 18000 380Lx183m035k452 0.026 0.020 5.70 6.50 30x45 18000 380Lx183m035a032 0.026 0.020 5.70 6.50 35x35 22000 380Lx223m035k052 0.021 0.016 6.10 7.00 30x50 22000 380Lx223m035a042 0.021 0.016 6.10 7.00 35x40 27000 380Lx273m035a452 0.017 0.013 6.80 7.90 35x45 27000 382lx273m035n042 0.021 0.017 6.80 7.90 40x40 33000 380Lx333m035a052 0.014 0.011 7.20 8.30 35x50 33000 380L333m035a062 0.018 0.009 7.80 8.70 35x63 39000 380Lx393m035a062 0.015 0.008 7.90 9.10 35x63 39000 380L393m035a072 0.015 0.008 8.60 9.50 35x70 39000 382lx393m035n052 0.017 0.014 8.00 9.20 40x50 47000 380Lx473m035a082 0.015 0.011 9.50 10.90 35x80 47000 382lx473m035n062 0.016 0.013 9.60 11.00 40x63 56000 382lx563m035b052v 0.015 0.012 10.94 12.58 50x50 68000 380Lx683m035a102 0.010 0.008 10.62 12.21 35x105 68000 382l683m035n082 0.011 0.007 10.60 11.10 40x80 68000 382lx683m035b062v 0.013 0.011 11.93 13.72 50x63 82000 382lx823m035n102 0.012 0.009 12.02 13.82 40x105 82000 382lx823m035b082v 0.012 0.010 13.06 15.02 50x80 140 technology place liberty, sc 29657 (864) 843-2277, fax (864) 843-3800 http://www.cornell-dubilier.com e-mail: cde@cornell-dubilier.com 2.062 cornell dubilier your source for capacitor solutions types 380L, 382l, 380Lx & 382lx, 85 c high-capacitance snap-in max. esr ripple amps nominal cap. catalog ? @ 25 ? max. @ 85 ? size dxl ? number 120 hz 20 khz 120 hz 20 khz (mm) max. esr ripple amps nominal cap. catalog ? @ 25 ? max. @ 85 ? size dxl ? number 120 hz 20 khz 120 hz 20 khz (mm) free datasheet http://www..net/
aluminum snap-in capacitors 35 vdc (44 vdc surge) (cont?) 100000 382lx104m035b092v 0.011 0.009 13.97 16.07 50x92 120000 382lx124m035b102v 0.010 0.008 14.86 17.09 50x105 50 vdc (63 vdc surge) 1500 380Lx152m050h202 0.177 0.134 1.20 1.40 22x20 1500 380L152m050h012 0.177 0.134 1.20 1.40 22x25 2200 380L222m050h022 0.121 0.092 1.40 1.60 22x30 2200 380L222m050j012 0.121 0.092 1.40 1.60 25x25 2200 380Lx222m050g012 0.181 0.137 2.30 2.60 20x25 2200 380Lx222m050j202 0.181 0.137 1.40 1.60 25x20 2700 380Lx272m050g022 0.147 0.111 2.50 2.90 20x30 3300 380L332m050h042 0.080 0.061 1.70 2.00 22x40 3300 380L332m050j022 0.080 0.061 1.70 2.00 25x30 3300 380L332m050k012 0.080 0.061 1.70 2.00 30x25 3300 380Lx332m050g032 0.121 0.092 2.70 3.10 20x35 3300 380Lx332m050h022 0.121 0.092 2.70 3.10 22x30 3300 380Lx332m050j012 0.121 0.092 2.70 3.10 25x25 3300 380Lx332m050k202 0.121 0.092 1.70 2.00 30x20 3900 380Lx392m050g042 0.102 0.077 2.80 3.20 20x40 3900 380Lx392m050h022 0.102 0.077 2.80 3.20 22x30 3900 380Lx392m050j012 0.102 0.077 2.80 3.20 25x25 4700 380L472m050h052 0.056 0.042 2.10 2.40 22x50 4700 380L472m050j042 0.056 0.042 2.10 2.40 25x40 4700 380L472m050k022 0.056 0.042 2.10 2.40 30x30 4700 380Lx472m050h032 0.085 0.064 3.00 3.50 22x35 4700 380Lx472m050j022 0.085 0.064 3.00 3.50 25x30 4700 380Lx472m050k012 0.085 0.064 3.00 3.50 30x25 4700 380Lx472m050a202 0.085 0.064 2.10 2.40 35x20 5600 380Lx562m050h042 0.071 0.054 3.40 3.90 22x40 5600 380Lx562m050j032 0.071 0.054 3.40 3.90 25x35 5600 380Lx562m050k022 0.071 0.054 3.40 3.90 30x30 6800 380L682m050j052 0.039 0.030 2.60 3.00 25x50 6800 380L682m050k042 0.039 0.030 2.60 3.00 30x40 6800 380L682m050a022 0.039 0.030 2.60 3.00 35x30 6800 380Lx682m050h052 0.059 0.045 3.90 4.40 22x50 6800 380Lx682m050j042 0.059 0.045 3.90 4.40 25x40 6800 380Lx682m050k022 0.059 0.045 3.90 4.40 30x30 8200 380Lx822m050j452 0.049 0.037 4.40 5.10 25x45 8200 380Lx822m050k032 0.049 0.037 4.40 5.10 30x35 10000 380L103m050k052 0.027 0.020 3.40 3.90 30x50 10000 380L103m050a042 0.027 0.020 3.40 3.90 35x40 10000 380Lx103m050j052 0.040 0.030 5.00 5.70 25x50 10000 380Lx103m050k042 0.040 0.030 5.00 5.70 30x40 10000 380Lx103m050a022 0.040 0.030 5.00 5.70 35x30 12000 380Lx123m050k452 0.033 0.025 5.60 6.40 30x45 12000 380Lx123m050a032 0.033 0.025 5.60 6.40 35x35 15000 380Lx153m050k052 0.027 0.020 6.40 7.40 30x50 15000 380Lx153m050a042 0.027 0.020 6.40 7.40 35x40 15000 382l153m050n042 0.028 0.017 6.80 7.20 40x40 18000 380L183m050a062 0.018 0.010 7.80 8.70 35x63 18000 380Lx183m050a452 0.022 0.017 6.90 7.90 35x45 18000 382lx183m050n042 0.023 0.017 6.94 7.98 40x40 22000 380L223m050a072 0.015 0.008 8.60 9.50 35x70 22000 380Lx223m050a052 0.018 0.014 7.60 8.70 35x50 22000 382l223m050n052 0.020 0.012 7.90 8.40 40x50 27000 380L273m050a082 0.013 0.008 9.30 10.10 35x80 27000 382l273m050n062 0.016 0.009 9.00 9.60 40x63 27000 380Lx273m050a062 0.018 0.013 8.30 9.60 35x63 27000 382lx273m050n052 0.021 0.016 8.10 9.30 40x50 33000 380Lx273m050a082 0.013 0.010 9.20 10.60 35x80 33000 382lx273m050n062 0.018 0.014 8.90 10.20 35x80 33000 382lx333m050b052v 0.018 0.014 10.48 12.05 50x50 39000 382l393m050n082 0.012 0.007 10.70 11.10 40x80 47000 382lx473m050b062v 0.013 0.010 11.54 13.27 50x63 47000 380Lx473m050a102 0.014 0.011 10.27 11.81 35x105 56000 382lx563m050n102 0.012 0.009 11.47 13.19 40x105 50 vdc (63 vdc surge) (cont?) 56000 382lx563m050b082v 0.012 0.009 12.46 14.33 50x80 68000 382lx683m050b092v 0.011 0.009 13.17 15.15 50x92 82000 382lx823m050b102v 0.011 0.008 13.87 15.95 50x105 63 vdc (79 vdc surge) 1000 380L102m063h012 0.265 0.200 1.20 1.40 22x25 1000 380Lx102m036h202 0.332 0.251 1.20 1.40 22x20 1500 380L152m063h022 0.177 0.134 1.30 1.50 22x30 1500 380L152m063j012 0.177 0.134 1.30 1.50 25x25 1500 380Lx152m063j202 0.221 0.167 1.30 1.50 25x20 2200 380L222m063h042 0.121 0.092 1.50 1.70 22x40 2200 380L222m063j022 0.121 0.092 1.50 1.70 25x30 2200 380L222m063k012 0.121 0.092 1.50 1.70 30x25 2200 380Lx222m063g032 0.151 0.114 2.50 2.90 20x35 2200 380Lx222m063h022 0.151 0.114 2.50 2.90 22x30 2200 380Lx222m063j012 0.151 0.114 2.50 2.90 25x25 2200 380Lx222m063k202 0.151 0.114 1.50 1.70 30x20 2700 380Lx272m063g042 0.123 0.093 3.70 4.30 20x40 2700 380Lx272m063h032 0.123 0.093 3.70 4.30 22x35 2700 380Lx272m063j022 0.123 0.093 3.70 4.30 25x30 3300 380L332m063h052 0.080 0.061 1.90 2.20 22x50 3300 380L332m063j042 0.080 0.061 1.90 2.20 25x40 3300 380L332m063k022 0.080 0.061 1.90 2.20 30x30 3300 380Lx332m063h042 0.100 0.076 4.10 4.70 22x40 3300 380Lx332m063j022 0.100 0.076 4.10 4.70 25x30 3300 380Lx332m063k012 0.100 0.076 4.10 4.70 30x25 3300 380Lx332m063a202 0.100 0.076 1.70 2.00 35x20 3900 380Lx392m063h452 0.085 0.064 4.40 5.10 22x45 3900 380Lx392m063j032 0.085 0.064 4.40 5.10 25x35 3900 380Lx392m063k022 0.085 0.064 4.40 5.10 30x30 4700 380L472m063j052 0.056 0.042 2.30 2.60 25x50 4700 380L472m063k042 0.056 0.042 2.30 2.60 30x40 4700 380L472m063a022 0.056 0.042 2.30 2.60 35x30 4700 380Lx472m063h052 0.071 0.054 4.90 5.60 22x50 4700 380Lx472m063j042 0.071 0.054 4.90 5.60 25x40 4700 380Lx472m063k022 0.071 0.054 4.90 5.60 30x30 4700 380Lx472m063a012 0.071 0.054 4.90 5.60 35x25 5600 380Lx562m063a022 0.047 0.045 5.40 6.20 35x30 5600 380Lx562m063j452 0.059 0.045 5.40 6.20 25x45 5600 380Lx562m063k032 0.059 0.045 5.40 6.20 30x35 6800 380L682m063k052 0.039 0.029 3.00 3.50 30x50 6800 380L682m063a042 0.039 0.029 3.00 3.50 35x40 6800 380Lx682m063j052 0.049 0.037 5.80 6.70 25x50 6800 380Lx682m063k042 0.049 0.037 5.80 6.70 30x40 6800 380Lx682m063a022 0.049 0.037 5.80 6.70 35x30 8200 380Lx822m063k452 0.040 0.030 6.00 6.90 30x45 8200 380Lx822m063a032 0.040 0.030 6.00 6.90 35x35 10000 382l103m063n042 0.028 0.017 6.60 7.20 40x40 10000 380Lx103mo63a042 0.033 0.025 6.50 7.50 35x40 12000 380L123m063a062 0.019 0.010 7.70 8.60 35x63 12000 380L123m063a052 0.028 0.021 7.20 8.30 35x50 12000 382lx123m063n042 0.035 0.028 7.15 8.22 40x40 15000 380L153m063a072 0.016 0.009 8.50 9.40 35x70 15000 382l153m063n052 0.020 0.012 7.90 8.40 40x50 15000 380Lx153m063a062 0.028 0.021 7.70 8.90 35x63 18000 382lx183m063n062 0.028 0.022 9.25 10.60 40x63 18000 380Lx183m063a082 0.023 0.012 9.40 10.80 35x80 27000 382lx273m063n082 0.018 0.015 10.00 11.50 40x80 27000 380Lx273m063a102 0.015 0.012 10.38 11.94 35x105 27000 382lx273m063b052v 0.018 0.015 10.86 12.49 50x50 33000 382lx333m063n102 0.015 0.012 11.76 13.52 40x105 33000 382lx333m063b062v 0.017 0.013 11.57 13.42 50x63 47000 382lx473m063b082v 0.013 0.010 12.78 14.70 50x80 51000 382lx513m063b092v 0.012 0.010 13.34 15.34 50x92 56000 382lx563m063b102v 0.012 0.009 13.93 16.02 50x105 140 technology place liberty, sc 29657 (864) 843-2277, fax (864) 843-3800 http://www.cornell-dubilier.com e-mail: cde@cornell-dubilier.com 2.063 cornell dubilier your source for capacitor solutions types 380L, 382l, 380Lx & 382lx, 85 c high-capacitance snap-in max. esr ripple amps nominal cap. catalog ? @ 25 ? max. @ 85 ? size dxl ? number 120 hz 20 khz 120 hz 20 khz (mm) max. esr ripple amps nominal cap. catalog ? @ 25 ? max. @ 85 ? size dxl ? number 120 hz 20 khz 120 hz 20 khz (mm) free datasheet http://www..net/
aluminum snap-in capacitors 80 vdc (100 vdc surge) 680 380L681m080h012 0.293 0.222 1.00 1.20 22x25 680 380Lx681m080h202 0.390 0.295 1.00 1.20 22x20 1000 380L102m080h022 0.199 0.151 1.20 1.40 22x30 1000 380L102m080j012 0.199 0.151 1.20 1.40 25x25 1000 380Lx102m080j202 0.265 0.200 1.20 1.40 25x20 1500 380L152m080h042 0.133 0.101 1.40 1.60 22x40 1500 380L152m080j022 0.133 0.101 1.40 1.60 25x30 1500 380L152m080k012 0.133 0.101 1.40 1.60 30x25 1500 380Lx152m080g032 0.177 0.134 2.30 2.60 20x35 1500 380Lx152m080h022 0.177 0.134 2.30 2.60 22x30 1500 380Lx152m080j012 0.177 0.134 2.30 2.60 25x25 1500 380Lx152m080k202 0.177 0.134 1.40 1.60 30x20 1800 380Lx182m080g042 0.147 0.109 2.50 2.90 20x40 1800 380Lx182m080h032 0.147 0.109 2.50 2.90 22x35 1800 380Lx182m080j022 0.147 0.109 2.50 2.90 25x30 2200 380L222m080h052 0.090 0.068 1.70 2.00 22x50 2200 380L222m080j042 0.090 0.068 1.70 2.00 25x40 2200 380L222m080k022 0.090 0.068 1.70 2.00 30x30 2200 380Lx222m080h042 0.121 0.092 2.70 3.10 22x40 2200 380Lx222m080j022 0.121 0.092 2.70 3.10 25x30 2200 380Lx222m080k012 0.121 0.092 2.70 3.10 30x25 2200 380Lx222m080a202 0.121 0.092 1.70 2.00 35x20 2700 380Lx272m080h452 0.098 0.056 2.80 3.20 22x45 2700 380Lx272m080j032 0.098 0.056 2.80 3.20 25x35 2700 380Lx272m080k022 0.098 0.056 2.80 3.20 30x30 3300 380L332m080j052 0.060 0.045 2.10 2.40 25x50 3300 380L332m080k042 0.060 0.045 2.10 2.40 30x40 3300 380L332m080a022 0.060 0.045 2.10 2.40 35x30 3300 380Lx332m080h052 0.080 0.061 3.20 3.70 22x50 3300 380Lx332m080j042 0.080 0.061 3.20 3.70 25x40 3300 380Lx332m080k022 0.080 0.061 3.20 3.70 30x30 3900 380Lx392m080j452 0.068 0.052 3.60 4.10 25x45 3900 380Lx392m080k032 0.068 0.052 3.60 4.10 30x35 4700 380L472m080k052 0.042 0.032 2.60 3.00 30x50 4700 380L472m080a042 0.042 0.032 2.60 3.00 35x40 4700 380Lx472m080j052 0.056 0.042 4.10 4.70 25x50 4700 380Lx472m080k042 0.056 0.042 4.10 4.70 30x40 5600 380Lx562m080k452 0.047 0.036 4.60 5.20 30x45 5600 380Lx562m080a032 0.047 0.036 4.60 5.20 35x35 6800 380Lx682m080k052 0.039 0.029 5.20 5.90 30x50 6800 380Lx682m080a042 0.039 0.029 5.20 5.90 35x40 8200 380Lx822m080a052 0.032 0.024 5.80 6.70 35x50 8200 382lx822m080n042 0.038 0.029 5.83 6.70 40x40 10000 380Lx103m080a062 0.033 0.025 6.40 7.34 35x63 12000 380L123m080a072 0.020 0.012 8.10 9.00 35x70 12000 382l123m080n052 0.025 0.016 7.50 8.00 40x50 15000 380L153m080a082 0.017 0.010 8.80 9.60 35x80 15000 382l153m080n062 0.020 0.013 8.50 9.20 40x63 18000 382l183m080n082 0.014 0.009 10.30 10.80 40x80 18000 382lx183m080b052v 0.023 0.017 10.00 11.50 50x50 22000 380Lx223m080a102 0.015 0.011 9.86 11.34 35x105 22000 382lx223m080b062v 0.019 0.014 11.08 12.74 50x63 27000 382lx273m080n102 0.015 0.012 11.35 13.05 40x105 27000 382lx273m080b082v 0.015 0.012 12.33 14.18 50x80 33000 382lx333m080b092v 0.014 0.010 13.37 15.38 50x92 39000 382lx393m080b102v 0.013 0.010 14.34 16.49 50x105 100 vdc (125 vdc surge) 470 380L471m100h012 0.423 0.320 1.60 1.90 22x25 470 380Lx471m100h202 0.564 0.426 1.00 1.20 22x20 680 380L681m100h022 0.293 0.222 1.80 2.10 22x30 680 380L681m100j012 0.293 0.222 1.80 2.10 25x25 680 380Lx681m100j202 0.390 0.295 1.10 1.30 25x20 1000 380L102m100h042 0.199 0.151 2.50 2.80 22x40 1000 380L102m100j022 0.199 0.151 2.30 2.70 25x30 100 vdc (125 vdc surge) (cont?) 1000 380L102m100k012 0.199 0.151 2.40 2.80 30x25 1000 380Lx102m100g032 0.265 0.200 2.00 2.30 20x35 1000 380Lx102m100h022 0.265 0.200 2.00 2.30 22x30 1000 380Lx102m100j012 0.265 0.200 2.00 2.30 25x25 1000 380Lx102m100k202 0.265 0.200 1.20 1.40 30x20 1200 380Lx122m100g042 0.221 0.167 2.30 2.70 20x40 1200 380Lx122m100h032 0.221 0.167 2.30 2.70 22x35 1200 380Lx122m100j022 0.221 0.167 2.30 2.70 25x30 1500 380L152m100h052 0.133 0.101 3.30 3.80 22x50 1500 380L152m100j042 0.133 0.101 3.20 3.70 25x40 1500 380L152m100k022 0.133 0.101 3.20 3.70 30x30 1500 380Lx152m100h042 0.177 0.134 2.60 3.00 22x40 1500 380Lx152m100j022 0.177 0.134 2.60 3.00 25x30 1500 380Lx152m100k012 0.177 0.134 2.60 3.00 30x25 1500 380Lx152m100a202 0.177 0.134 1.50 1.70 35x20 1800 380Lx182m100h452 0.147 0.109 2.80 3.30 22x45 1800 380Lx182m100j032 0.147 0.109 2.80 3.30 25x35 1800 380Lx182m100k022 0.147 0.109 2.80 3.30 30x30 2200 380L222m100j052 0.090 0.068 4.30 5.00 25x50 2200 380L222m100k042 0.090 0.068 4.40 5.00 30x40 2200 380L222m100a022 0.090 0.068 4.30 4.90 35x30 2200 380Lx222m100h052 0.121 0.092 3.10 3.60 22x50 2200 380Lx222m100j042 0.121 0.092 3.10 3.60 25x40 2200 380Lxm222100k022 0.121 0.092 3.10 3.60 30x30 2200 380Lx222m100a012 0.121 0.078 3.14 3.61 35x25 2700 380Lx272m100j452 0.098 0.074 3.70 4.30 25x45 2700 380Lx272m100k032 0.098 0.074 3.70 4.30 30x35 2700 380Lx272m100a022 0.104 0.068 3.71 4.27 35x30 3300 380L332m100k052 0.060 0.045 5.90 6.80 30x50 3300 380L332m100a042 0.060 0.045 5.90 6.70 35x40 3300 380Lx332m100j052 0.080 0.061 4.10 4.70 25x50 3300 380Lx332m100k042 0.080 0.061 4.10 4.70 30x40 3900 380Lx392m100k452 0.068 0.052 4.50 5.20 30x45 3900 380Lx392m100a032 0.068 0.052 4.50 5.20 35x35 4700 380Lx472m100k052 0.056 0.042 5.10 5.90 30x50 4700 380Lx472m100a042 0.056 0.042 5.10 5.90 35x40 5600 382lx562m100n042 0.036 0.023 6.20 6.70 40x40 5600 380Lx562m100a452 0.047 0.036 5.80 6.70 35x45 6800 380L682m100a062 0.024 0.014 7.20 8.10 35x63 6800 382l682m100n052 0.026 0.017 7.40 7.90 40x50 6800 380Lx682m100a052 0.039 0.029 6.60 7.60 35x50 8200 380L822m100a072 0.021 0.012 8.00 8.90 35x70 8200 382l822m100n062 0.021 0.013 8.40 9.10 40x63 8200 380Lx822m100a062 0.040 0.030 7.00 8.10 35x63 8200 382lx822m100n052 0.040 0.030 7.30 8.40 40x63 10000 380Lx103m100a082 0.018 0.010 8.70 9.60 35x80 10000 382lx103m100n062 0.033 0.025 8.00 9.20 40x63 10000 382lx103m100b052v 0.033 0.025 8.82 10.14 50x50 12000 382lx123m100n082 0.028 0.021 8.65 10.00 40x80 12000 380Lx123m100a102 0.028 0.021 8.57 9.86 35x105 15000 382lx153m100n102 0.022 0.017 10.12 11.64 40x105 15000 382lx153m100b062v 0.022 0.017 10.07 11.58 50x63 18000 382lx183m100b082v 0.018 0.014 11.00 12.65 50x80 22000 382lx223m100b092v 0.015 0.011 11.76 13.52 50x92 27000 382lx273m100b102v 0.014 0.010 12.53 14.41 50x105 160 vdc (200 vdc surge) 180 380L181m160h012 1.105 0.564 1.10 1.50 22x25 220 380Lx221m160h202 0.904 0.461 0.80 1.10 22x20 270 380L271m160h022 0.737 0.376 1.40 1.90 22x30 270 380Lx271m160j202 0.737 0.376 0.90 1.20 25x20 270 380L127m160j012 0.737 0.376 1.40 1.90 25x25 330 380Lx331m160g022 0.603 0.308 1.50 2.00 20x30 330 380Lx331m160h012 0.603 0.308 1.50 2.00 22x25 390 380Lx391m160h012 0.468 0.234 1.62 2.27 22x25 140 technology place liberty, sc 29657 (864) 843-2277, fax (864) 843-3800 http://www.cornell-dubilier.com e-mail: cde@cornell-dubilier.com 2.064 cornell dubilier your source for capacitor solutions types 380L, 382l, 380Lx & 382lx, 85 c high-capacitance snap-in max. esr ripple amps nominal cap. catalog ? @ 25 ? max. @ 85 ? size dxl ? number 120 hz 20 khz 120 hz 20 khz (mm) max. esr ripple amps nominal cap. catalog ? @ 25 ? max. @ 85 ? size dxl ? number 120 hz 20 khz 120 hz 20 khz (mm) free datasheet http://www..net/
aluminum snap-in capacitors 160 vdc (200 vdc surge) (cont?) 390 380Lx391m160g032 0.510 0.260 1.60 2.30 20x35 390 380Lx391m160h022 0.510 0.260 1.60 2.30 22x30 390 380L391m160h042 0.510 0.260 1.80 2.60 22x40 390 380Lx391m160j012 0.510 0.260 1.60 2.30 25x25 390 380L391m160j022 0.510 0.260 1.80 2.60 25x30 390 380Lx391m160k202 0.510 0.260 1.10 1.50 30x20 390 380L391m160k012 0.510 0.260 1.80 2.60 30x25 470 380Lx471m160h022 0.423 0.216 2.10 3.00 22x30 470 380Lx471m160j012 0.423 0.216 2.10 3.00 25x25 560 380Lx561m160h022 0.355 0.178 2.25 3.15 22x30 560 380Lx561m160h032 0.355 0.181 2.30 3.20 22x35 560 380L561m160h052 0.355 0.181 2.40 3.30 22x50 560 380Lx561m160j012 0.355 0.178 2.25 3.15 25x25 560 380Lx561m160j022 0.355 0.181 2.30 3.20 25x30 560 380L561m160j042 0.355 0.181 2.40 3.30 25x40 560 380Lx561m160k012 0.355 0.181 2.30 3.20 30x25 560 380L561m160k022 0.355 0.181 2.30 3.20 30x30 560 380Lx561m160a202 0.355 0.181 1.30 1.80 35x20 680 380Lx681m160h032 0.293 0.146 2.50 3.50 22x35 680 380Lx681m160h042 0.293 0.149 2.50 3.50 22x40 680 380Lx681m160j022 0.293 0.146 2.50 3.50 25x30 680 380Lx681m160j032 0.293 0.149 2.50 3.50 25x35 680 380Lx681m160k012 0.293 0.149 2.50 3.50 30x25 820 380Lx821m160h042 0.243 0.131 2.75 3.85 22x40 820 380Lx821m160h452 0.243 0.124 2.80 3.90 22x45 820 380Lx821m160j032 0.243 0.124 2.80 3.90 25x35 820 380L821m160j052 0.243 0.124 3.20 4.50 25x50 820 380Lx821m160k012 0.243 0.131 2.75 3.85 30x25 820 380Lx821m160k022 0.243 0.124 2.80 3.90 30x30 820 380L821m160k042 0.243 0.124 3.20 4.50 30x40 820 380L821m160a022 0.243 0.124 3.10 4.40 35x30 1000 380Lx102m160j452 0.199 0.102 3.00 4.20 25x45 1000 380Lx102m160k032 0.199 0.102 3.00 4.20 30x35 1000 380Lx102m160a022 0.199 0.102 4.30 6.00 35x30 1000 380Lx102m160h452 0.216 0.108 3.00 4.20 22x45 1000 380Lx102m160j042 0.216 0.108 3.00 4.20 25x40 1000 380Lx102m160k022 0.216 0.108 3.00 4.20 30x30 1200 380Lx122m160j052 0.166 0.085 3.30 4.60 25x50 1200 380Lx122m160k032 0.166 0.085 3.30 4.60 30x35 1200 380L122m160k052 0.166 0.085 4.20 5.90 30x50 1200 380Lx122m160a022 0.166 0.085 3.70 5.20 35x30 1200 380L122m160a042 0.166 0.085 3.30 4.60 35x40 1500 380Lx152m160k452 0.133 0.068 3.70 5.20 30x45 1500 380Lx152m160a032 0.133 0.068 4.20 5.90 35x35 1500 380Lx152m160j052 0.166 0.091 3.73 5.22 25x50 1500 380Lx152m160a022 0.166 0.091 3.73 5.22 35x30 1800 380Lx182m160k052 0.111 0.057 4.20 5.90 30x50 1800 380Lx182m160a042 0.111 0.057 4.80 6.70 35x40 1800 380Lx182m160a032 0.138 0.083 4.20 5.88 35x35 2200 380Lx222m160a452 0.090 0.046 5.50 7.60 35x45 2200 380Lx222m160k052 0.105 0.053 4.78 6.69 30x50 2200 380Lx222m160a042 0.105 0.053 4.78 6.69 35x40 2700 380Lx272m160a052 0.074 0.038 5.50 7.60 35x50 3300 380Lx332m160a072 0.054 0.027 4.80 6.20 35x70 3300 382l332m160n062 0.054 0.027 5.00 6.50 40x63 3900 380Lx392m160a082 0.046 0.023 5.40 7.10 35x80 4700 382l472m160n082 0.036 0.020 6.60 8.50 40x80 180 vdc (225 vdc surge) 180 380L181m180h012 1.105 0.564 0.80 1.10 22x25 270 380L271m180h022 0.737 0.376 1.00 1.30 22x30 270 380L271m180j012 0.737 0.376 1.00 1.30 25x25 330 380Lx331m180g022 0.603 0.308 1.80 2.50 20x30 330 380Lx331m180h012 0.603 0.308 1.80 2.50 22x25 330 380L331m180h032 0.603 0.308 1.00 1.40 22x35 330 380L331m180j022 0.603 0.308 1.00 1.40 25x30 180 vdc (225 vdc surge) (cont?) 390 380Lx391m180g032 0.510 0.260 1.20 1.60 20x35 390 380Lx391m180h022 0.510 0.260 1.20 1.60 22x30 390 380L391m180h042 0.510 0.260 1.20 1.60 22x40 390 380Lx391m180j012 0.510 0.260 1.20 1.60 25x25 390 380L391m180j032 0.510 0.260 1.20 1.60 25x35 390 380L391m180k012 0.510 0.260 1.20 1.60 30x25 470 380Lx471m180g042 0.423 0.216 2.10 2.90 20x40 470 380Lx471m180h032 0.423 0.216 2.10 2.90 22x35 470 380Lx471m180j012 0.423 0.216 2.10 2.90 25x25 560 380Lx561m180h032 0.355 0.181 2.30 3.20 22x35 560 380L561m180h052 0.355 0.181 1.40 1.90 22x50 560 380Lx561m180j022 0.355 0.181 2.30 3.20 25x30 560 380L561m180j042 0.355 0.181 1.40 1.90 25x40 560 380L561m180k022 0.355 0.181 1.40 1.90 30x30 560 380L561m180a012 0.355 0.181 1.40 1.90 35x25 680 380Lx681m180h042 0.293 0.149 2.50 3.50 22x40 680 380Lx681m180j032 0.293 0.149 2.50 3.50 25x35 680 380Lx681m180k022 0.293 0.149 2.50 3.50 30x30 820 380Lx821m180h452 0.243 0.124 2.80 3.90 22x45 820 380Lx821m180j042 0.243 0.124 2.80 3.90 25x40 820 380L821m180j052 0.243 0.124 1.60 2.20 25x50 820 380Lx821m180k022 0.243 0.124 2.80 3.90 30x30 820 380L821m180k042 0.243 0.124 1.60 2.20 30x40 820 380L821m180a022 0.243 0.124 1.60 2.20 35x30 1000 380Lx102m180j452 0.199 0.102 3.00 4.20 25x45 1000 380Lx102m180k032 0.199 0.102 3.00 4.20 30x35 1200 380Lx122m180j052 0.166 0.085 3.30 4.60 25x50 1200 380Lx122m180k042 0.166 0.085 3.30 4.60 30x40 1200 380L122m180k052 0.166 0.085 2.00 2.80 30x50 1200 380Lx122m180a032 0.166 0.085 3.30 4.60 35x35 1200 380L122m180a042 0.166 0.085 2.00 2.80 35x40 1500 380Lx152m180k452 0.133 0.068 3.80 5.40 30x45 1500 380Lx152m180a042 0.133 0.068 3.80 5.40 35x40 1800 380Lx182m180k052 0.111 0.057 4.30 6.00 30x50 1800 380Lx182m180a042 0.111 0.057 4.30 6.00 35x40 2200 380Lx222m180a052 0.090 0.046 4.90 6.90 35x50 2700 382l272m180n062 0.051 0.027 5.00 6.50 40x63 2700 380L272m180a072 0.054 0.027 4.80 6.20 35x70 3300 380L332m180a082 0.046 0.023 5.40 7.10 35x80 4700 382l472m180n082 0.036 0.020 6.60 8.50 40x80 200 vdc (250 vdc surge) 150 380Lx151m200h202 1.326 0.677 0.70 0.90 22x20 150 380L151m200h012 1.326 0.677 1.00 1.50 22x25 220 380L221m200h012 0.904 0.461 1.10 1.60 22x25 220 380L221m200h022 0.904 0.461 1.20 1.70 22x30 220 380Lx221m200j202 0.904 0.461 0.90 1.20 25x20 220 380L221m200j012 0.904 0.461 1.20 1.70 25x25 270 380Lx271m200g022 0.737 0.376 1.40 2.00 20x30 270 380Lx271m200h012 0.737 0.376 1.40 2.00 22x25 330 380Lx331m200h012 0.553 0.249 1.56 2.18 22x25 330 380Lx331m200g032 0.603 0.308 1.60 2.20 20x35 330 380Lx331m200h022 0.603 0.308 1.60 2.20 22x30 330 380L331m200h042 0.603 0.308 1.70 2.40 22x40 330 380Lx331m200j012 0.603 0.308 1.60 2.20 25x25 330 380L331m200j022 0.603 0.308 1.60 2.30 25x30 330 380Lx331m200k202 0.603 0.308 1.00 1.40 30x20 330 380L331m200k012 0.603 0.308 1.70 2.40 30x25 390 380Lx391m200h022 0.510 0.260 1.70 2.40 22x30 390 380Lx391m200j012 0.510 0.260 1.70 2.40 25x25 470 380Lx471m200g042 0.388 0.175 1.85 2.59 20x40 470 380Lx471m200h032 0.423 0.216 1.90 2.60 22x35 470 380L471m200h052 0.423 0.216 2.30 3.20 22x50 470 380Lx471m200j022 0.423 0.216 1.90 2.60 25x30 470 380L471m200j042 0.423 0.216 2.20 3.10 25x40 470 380Lx471m200k012 0.423 0.216 1.90 2.60 30x25 140 technology place liberty, sc 29657 (864) 843-2277, fax (864) 843-3800 http://www.cornell-dubilier.com e-mail: cde@cornell-dubilier.com 2.065 cornell dubilier your source for capacitor solutions types 380L, 382l, 380Lx & 382lx, 85 c high-capacitance snap-in max. esr ripple amps nominal cap. catalog ? @ 25 ? max. @ 85 ? size dxl ? number 120 hz 20 khz 120 hz 20 khz (mm) max. esr ripple amps nominal cap. catalog ? @ 25 ? max. @ 85 ? size dxl ? number 120 hz 20 khz 120 hz 20 khz (mm) free datasheet http://www..net/
aluminum snap-in capacitors 200 vdc (250 vdc surge) (cont?) 470 380L471m200k022 0.423 0.216 2.20 3.00 30x30 470 380Lx471m200a202 0.423 0.216 1.30 1.80 35x20 560 380Lx561m200j022 0.326 0.147 2.43 3.40 25x30 560 380Lx561m200h042 0.355 0.181 2.40 3.40 22x40 560 380Lx561m200j032 0.355 0.181 2.40 3.40 25x35 560 380Lx561m200k012 0.355 0.181 2.40 3.40 30x25 680 380Lx681m200h452 0.293 0.149 2.70 3.80 22x45 680 380Lx681m200j032 0.293 0.149 2.70 3.80 25x35 680 380L681m200j052 0.293 0.149 2.90 4.10 25x50 680 380Lx681m200k022 0.293 0.149 2.70 3.80 30x30 680 380L681m200k042 0.293 0.149 2.90 4.10 30x40 680 380L681m200a022 0.293 0.149 2.90 4.10 35x30 820 380Lx821m200k022 0.222 0.100 2.93 4.10 30x30 820 380Lx821m200j452 0.243 0.124 2.90 4.10 25x45 820 380Lx821m200k032 0.243 0.124 2.90 4.10 30x35 820 380Lx821m200a012 0.243 0.124 2.90 4.10 35x25 1000 380Lx102m200j452 0.199 0.090 3.25 4.55 25x45 1000 380Lx102m200j052 0.199 0.102 3.30 4.60 25x50 1000 380Lx102m200k032 0.199 0.090 3.25 4.55 30x35 1000 380Lx102m200k042 0.199 0.102 3.30 4.60 30x40 1000 380L102m200k052 0.199 0.102 3.90 5.40 30x50 1000 380Lx102m200a022 0.199 0.102 3.30 4.60 35x30 1000 380L102m200a042 0.199 0.102 3.90 5.40 35x40 1200 380Lx122m200k042 0.166 0.075 3.50 4.90 30x40 1200 380Lx122m200k452 0.166 0.085 3.50 4.90 30x45 1200 380Lx122m200a022 0.166 0.075 3.50 4.90 35x30 1200 380Lx122m200a032 0.166 0.085 3.50 4.90 35x35 1200 380L122m200a052 0.166 0.085 4.70 6.50 35x50 1500 380Lx152m200k052 0.133 0.068 3.90 5.40 30x50 1500 380Lx152m200a042 0.133 0.068 3.90 5.40 35x40 1500 380Lx152m200k452 0.144 0.072 3.87 5.42 30x45 1500 380Lx152m200a032 0.144 0.072 3.87 5.42 35x35 1800 380Lx182m200a452 0.111 0.057 4.30 6.00 35x45 1800 380Lx182m200k052 0.120 0.060 4.32 6.05 30x50 1800 380Lx182m200a042 0.120 0.060 4.32 6.05 35x40 2200 380Lx222m200a052 0.090 0.046 4.90 6.90 35x50 2200 380Lx222m200a452 0.098 0.054 4.92 6.89 35x45 2200 382lx222m200n042 0.098 0.054 4.92 6.89 40x40 2700 382l272m200n062 0.051 0.027 5.00 6.50 40x63 2700 380L272m200a072 0.054 0.027 4.80 6.20 35x70 2700 380Lx272m200a062 0.092 0.027 5.40 7.60 35x63 2700 382lx272m200n052 0.092 0.046 5.40 7.60 40x50 3300 380Lx332m200a082 0.075 0.038 5.90 8.30 35x80 3300 382lx332m200n062 0.075 0.038 5.90 8.30 40x63 3900 382lx392m200b052v 0.055 0.030 8.22 9.45 50x50 3900 382lx392m200n082 0.064 0.033 6.40 9.00 40x80 4700 382lx472m200n082 0.046 0.025 8.38 11.73 40x80 4700 382lx472m200b062v 0.046 0.025 9.32 13.05 50x63 5600 380Lx562m200a102 0.038 0.021 8.90 12.46 35x105 6800 382lx682m200n102 0.032 0.017 8.65 12.11 40x105 6800 382lx682m200b082v 0.032 0.017 11.41 15.97 50x80 7500 382lx752m200b092v 0.029 0.016 12.28 17.19 50x92 8200 382lx822m200b102v 0.026 0.014 13.16 18.42 50x105 250 vdc (300 vdc surge) 120 380Lx121m250h202 1.658 0.846 0.50 0.60 22x20 120 380L121m250h012 1.658 0.846 0.60 0.90 22x25 150 380L151m250h022 1.326 0.677 0.90 1.20 22x30 150 380Lx151m250j202 1.326 0.677 0.70 0.90 25x20 150 380L151m250j012 1.326 0.677 0.90 1.20 25x25 180 380Lx181m250g022 1.105 0.546 1.10 1.50 20x30 180 380Lx181m250h012 1.105 0.546 1.10 1.50 22x25 220 380Lx221m250h012 0.754 0.301 1.17 1.64 22x25 220 380Lx221m250g032 0.904 0.461 1.20 1.60 20x35 220 380Lx221m250h022 0.904 0.461 1.20 1.60 22x30 250 vdc (300 vdc surge) (cont?) 220 380L221m250h042 0.904 0.461 1.00 1.40 22x40 220 380Lx221m250j012 0.904 0.461 1.20 1.60 25x25 220 380L221m250j022 0.904 0.461 1.00 1.40 25x30 220 380Lx221m250k202 0.904 0.461 0.90 1.20 30x20 220 380L221m250k012 0.904 0.461 1.00 1.40 30x25 270 380Lx271m250h022 0.737 0.376 1.30 1.80 22x30 270 380Lx271m250j012 0.737 0.376 1.30 1.80 25x25 330 380Lx331m250h032 0.603 0.308 1.80 2.50 22x35 330 380L331m250h052 0.603 0.308 1.40 1.90 22x50 330 380Lx331m250j022 0.603 0.308 1.80 2.50 25x30 330 380L331m250j042 0.603 0.308 1.30 1.90 25x40 330 380Lx331m250k012 0.603 0.308 1.80 2.50 30x25 330 380L331m250k022 0.603 0.308 1.30 1.90 30x30 330 380Lx331m250a202 0.603 0.308 1.10 1.50 35x20 390 380Lx391m250j022 0.468 0.187 1.91 2.67 25x30 390 380Lx391m250h042 0.510 0.260 1.90 2.70 22x40 390 380Lx391m250j032 0.510 0.260 1.90 2.70 25x35 390 380Lx391m250k012 0.510 0.260 1.90 2.70 30x25 470 380Lx471m250k012 0.353 0.141 2.11 2.95 30x25 470 380Lx471m250h452 0.423 0.216 2.10 3.00 22x45 470 380Lx471m250j032 0.423 0.216 2.10 3.00 25x35 470 380Lx471m250j042 0.423 0.216 2.10 3.00 25x40 470 380L471m250j052 0.423 0.216 1.80 2.50 25x50 470 380Lx471m250k022 0.423 0.216 2.10 3.00 30x30 470 380L471m250k042 0.423 0.216 1.80 2.50 30x40 470 380L471m250a022 0.423 0.216 1.70 2.40 35x30 560 380Lx561m250j042 0.326 0.130 2.25 3.15 25x40 560 380Lx561m250k022 0.326 0.130 2.25 3.15 30x30 560 380Lx561m250j452 0.355 0.181 2.30 3.20 25x45 560 380Lx561m250k032 0.355 0.181 2.30 3.20 30x35 560 380Lx561m250a012 0.355 0.181 2.30 3.20 35x25 680 380Lx681m250j452 0.268 0.107 2.50 3.50 25x45 680 380Lx681m250k032 0.268 0.107 2.50 3.50 30x35 680 380Lx681m250j052 0.293 0.149 2.50 3.50 25x50 680 380Lx681m250k042 0.293 0.149 2.50 3.50 30x40 680 380L681m250k052 0.293 0.149 2.40 3.30 30x50 680 380Lx681m250a022 0.293 0.149 2.50 3.50 35x30 680 380L681m250a042 0.293 0.149 2.30 3.30 35x40 820 380Lx821m250k042 0.222 0.089 2.77 3.88 30x40 820 380Lx821m250a022 0.222 0.089 2.77 3.88 35x30 820 380Lx821m250k452 0.243 0.124 2.80 3.90 30x45 820 380Lx821m250a032 0.243 0.124 2.80 3.90 35x35 1000 380Lx102m250k452 0.182 0.073 3.32 4.65 30x45 1000 380Lx102m250a032 0.182 0.073 3.32 4.65 35x35 1000 380Lx102m250k052 0.199 0.102 3.30 4.60 30x50 1000 380Lx102m250a042 0.199 0.102 3.30 4.60 35x40 1000 380L102m250a052 0.199 0.102 3.10 4.40 35x50 1200 380Lx122m250a042 0.166 0.083 3.53 4.94 35x40 1200 380Lx122m250a452 0.166 0.085 3.50 4.90 35x45 1500 380Lx152m250a052 0.133 0.068 4.00 5.70 35x50 1500 382lx152m250n042 0.133 0.066 4.04 5.66 40x40 1800 382l182m250n062 0.062 0.030 4.80 6.40 40x63 1800 380L182m250a072 0.066 0.030 4.50 6.20 35x70 1800 380Lx182m250a062 0.138 0.073 4.50 6.20 35x63 1800 382lx182m250n052 0.138 0.073 4.50 6.30 40x50 2200 380Lx222m250a082 0.113 0.057 4.90 6.90 35x80 2200 382lx222m250n062 0.113 0.057 4.90 6.90 40x63 2700 382l272m250n082 0.043 0.021 6.30 8.40 40x80 2700 382lx272m250b052v 0.074 0.037 6.77 7.79 50x50 3300 382lx332m250n082 0.060 0.030 7.00 9.80 40x80 3300 382lx332m250b062v 0.060 0.030 7.79 10.91 50x63 3900 380Lx392m250a102 0.051 0.026 7.47 10.46 35x105 4700 382lx472m250n102 0.042 0.021 8.88 12.43 40x105 4700 382lx472m250b082v 0.042 0.021 9.65 13.51 50x80 5600 382lx562m250b092v 0.036 0.018 10.80 15.12 50x92 6800 382lx682m250b102v 0.029 0.015 12.16 17.02 50x105 140 technology place liberty, sc 29657 (864) 843-2277, fax (864) 843-3800 http://www.cornell-dubilier.com e-mail: cde@cornell-dubilier.com 2.066 cornell dubilier your source for capacitor solutions types 380L, 382l, 380Lx & 382lx, 85 c high-capacitance snap-in max. esr ripple amps nominal cap. catalog ? @ 25 ? max. @ 85 ? size dxl ? number 120 hz 20 khz 120 hz 20 khz (mm) max. esr ripple amps nominal cap. catalog ? @ 25 ? max. @ 85 ? size dxl ? number 120 hz 20 khz 120 hz 20 khz (mm) free datasheet http://www..net/
aluminum snap-in capacitors 140 technology place liberty, sc 29657 (864) 843-2277, fax (864) 843-3800 http://www.cornell-dubilier.com e-mail: cde@cornell-dubilier.com 2.067 cornell dubilier your source for capacitor solutions 350 vdc (400 vdc surge) (cont?) 220 380Lx221m350j032 0.754 0.264 1.44 2.02 25x35 220 380Lx221m350k012 0.754 0.264 1.44 2.02 30x25 220 380Lx221m350h452 0.904 0.461 1.40 2.00 22x45 220 380L221m350h052 0.904 0.461 0.70 0.90 22x50 220 380Lx221m350j042 0.904 0.461 1.40 2.00 25x40 220 380L221m350j052 0.904 0.461 0.70 0.90 25x50 220 380Lx221m350k022 0.904 0.461 1.40 2.00 30x30 220 380L221m350k032 0.904 0.461 0.70 0.90 30x35 220 380L221m350a012 0.904 0.461 0.70 0.90 35x25 220 380Lx221m350a012 0.904 0.461 1.40 2.00 35x25 270 380Lx271m350j042 0.614 0.215 1.66 2.32 25x40 270 380Lx271m350k022 0.614 0.215 1.66 2.32 30x30 270 380Lx271m350a012 0.614 0.215 1.66 2.32 35x25 270 380Lx271m350j452 0.737 0.376 1.70 2.30 25x45 270 380L271m350j052 0.737 0.376 0.80 1.10 25x50 270 380Lx271m350k032 0.737 0.376 1.70 2.30 30x35 270 380Lx271m350k042 0.737 0.376 0.80 1.10 30x40 270 380Lx271m350a012 0.737 0.376 1.70 2.30 35x25 270 380Lx271m350a022 0.737 0.376 1.70 2.30 35x30 330 380Lx331m350k032 0.502 0.178 1.88 2.63 30x35 330 380Lx331m350j052 0.603 0.308 1.90 2.60 25x50 330 380Lx331m350k042 0.603 0.308 1.90 2.60 30x40 330 380L331m350k052 0.603 0.308 0.80 1.10 30x50 330 380Lx331m350a022 0.603 0.308 1.90 2.60 35x30 330 380L331m350a032 0.603 0.308 0.80 1.10 35x35 390 380Lx391m350j052 0.425 0.149 2.06 2.88 25x50 390 380Lx391m350k042 0.425 0.149 2.06 2.88 30x40 390 380Lx391m350a022 0.425 0.149 2.06 2.88 35x30 390 380Lx391m350k452 0.510 0.260 2.10 2.90 30x45 390 380L391m350k052 0.510 0.260 0.90 1.20 30x50 390 380Lx391m350a032 0.510 0.260 2.10 2.90 35x35 390 380L391m350a042 0.510 0.260 0.90 1.20 35x40 470 380Lx471m350a032 0.353 0.123 2.40 3.36 35x35 470 380Lx471m350k052 0.423 0.216 2.40 3.40 30x50 470 380Lx471m350a042 0.423 0.216 2.40 3.40 35x40 560 380Lx561m350k052 0.326 0.114 2.60 3.64 30x50 560 380Lx561m350a042 0.326 0.114 2.60 3.64 35x40 560 380Lx561m350a452 0.355 0.181 2.60 3.60 35x45 680 380Lx681m350a452 0.293 0.117 2.96 4.14 35x45 680 380Lx681m350a052 0.293 0.149 3.00 4.10 35x50 680 382lx681m350n042 0.366 0.165 3.00 4.10 40x40 820 380Lx821m350a052 0.243 0.097 3.55 4.97 35x50 820 380L821m350a062 0.254 0.134 2.40 3.50 35x63 1000 380L102m350a072 0.212 0.112 2.80 4.00 35x70 1000 380Lx102m350a062 0.249 0.127 3.20 4.50 35x63 1000 382lx102m350n052 0.249 0.127 3.20 4.50 40x50 1200 380Lx122m350a082 0.207 0.106 3.60 5.10 35x80 1200 382lx122m350n062 0.207 0.106 3.60 5.10 40x63 1200 382lx122m350b052v 0.207 0.093 5.18 5.96 50x50 1500 382lx152m350b062v 0.166 0.075 6.01 8.41 50x63 1800 382lx182m350n082 0.138 0.062 5.85 8.20 40x80 1800 380Lx182m350a102 0.138 0.062 5.79 8.11 35x105 1800 382lx182m350b082v 0.138 0.062 6.89 9.65 50x80 2200 382lx222m350n102 0.113 0.051 6.91 9.67 40x105 2200 382lx222m350b092v 0.113 0.051 7.79 10.91 50x92 2700 382lx272m350b102v 0.092 0.041 8.80 12.32 50x105 400 vdc (450 vdc surge) 47 380Lx470m400h202 4.233 2.160 0.30 0.40 22x20 47 380L470m400h012 4.233 2.160 0.50 0.80 22x25 68 380Lx680m400g022 2.926 1.493 0.80 1.10 20x30 68 380Lx680m400h012 2.926 1.493 0.80 1.10 22x25 68 380L680m400h022 2.926 1.493 0.70 1.00 22x30 68 380Lx680m400j202 2.926 1.493 0.40 0.50 25x20 68 380L680m400j012 2.926 1.493 0.70 1.00 25x25 82 380Lx820m400g022 2.426 1.238 0.80 1.20 20x30 types 380L, 380Lx, and 382lx, 85 c high-capacitance snap-in max. esr ripple amps nominal cap. catalog ? @ 25 ? max. @ 85 ? size dxl ? number 120 hz 20 khz 120 hz 20 khz (mm) 315 vdc (365 vdc surge) 100 380Lx101m315g022 1.989 1.015 0.90 1.30 20x30 100 380Lx101m315h012 1.989 1.015 0.90 1.30 22x25 120 380Lx121m315g042 1.658 0.856 1.00 1.40 20x40 120 380Lx121m315h022 1.658 0.856 1.00 1.40 22x30 120 380Lx121m315j012 1.658 0.856 1.00 1.40 25x25 150 380Lx151m315h022 1.326 0.677 1.10 1.60 22x30 150 380Lx151m315j012 1.326 0.677 1.10 1.60 25x25 180 380Lx181m315h032 1.105 0.546 1.20 1.70 22x35 180 380Lx181m315j022 1.105 0.546 1.20 1.70 25x30 180 380Lx181m315k012 1.105 0.546 1.20 1.70 30x25 220 380Lx221m315h042 0.904 0.461 1.40 2.00 22x40 220 380Lx221m315j032 0.904 0.461 1.40 2.00 25x35 220 380Lx221m315k012 0.904 0.461 1.40 2.00 30x25 270 380Lx271m315h452 0.737 0.376 1.60 2.20 22x45 270 380Lx271m315j042 0.737 0.376 1.60 2.20 25x40 270 380Lx271m315k022 0.737 0.376 1.60 2.20 30x30 330 380Lx331m315j452 0.603 0.308 1.80 2.50 25x45 330 380Lx331m315k022 0.603 0.308 1.80 2.50 30x30 330 380Lx331m315a012 0.603 0.308 1.80 2.50 35x25 390 380Lx391m315j052 0.510 0.260 2.00 2.80 25x50 390 380Lx391m315k032 0.510 0.260 2.00 2.80 30x35 390 380Lx391m315a022 0.510 0.260 2.00 2.80 35x30 470 380Lx471m315k042 0.423 0.216 2.30 3.20 30x40 470 380Lx471m315a032 0.423 0.216 2.30 3.20 35x35 560 380Lx561m315k452 0.355 0.181 2.60 3.60 30x45 560 380Lx561m315a032 0.355 0.181 2.60 3.60 35x35 680 380Lx681m315a452 0.293 0.149 2.90 4.00 35x45 820 380Lx821m315a052 0.243 0.124 3.30 4.60 35x50 820 382l821m315n042 0.285 0.172 2.40 3.10 40x40 1000 380L102m315a062 0.218 0.129 2.70 3.60 35x63 1200 380L122m315a072 0.182 0.107 3.20 4.20 35x70 1200 382l122m315n052 0.202 0.122 2.90 3.90 40x50 1500 380L152m315a082 0.153 0.090 3.60 4.80 35x80 1500 382l152m315n062 0.162 0.098 3.40 4.50 40x63 1800 382l182m315n082 0.113 0.069 4.50 6.00 40x80 350 vdc (400 vdc surge) 56 380L560m350h012 3.553 1.812 0.30 0.40 22x25 68 380L680m350h012 2.926 1.493 0.30 0.40 22x25 82 380Lx820m350h012 2.022 0.708 0.83 1.16 22x25 82 380Lx820m350g022 2.426 1.238 0.80 1.20 20x30 82 380Lx820m350h012 2.426 1.238 0.80 1.20 22x25 82 380L820m350h022 2.426 1.238 0.40 0.50 22x30 82 380L820m350j012 2.426 1.238 0.40 0.50 25x25 100 380Lx101m350g032 1.989 1.015 0.90 1.30 20x35 100 380L101m350h022 1.989 1.015 0.40 0.50 22x30 100 380Lx101m350h022 1.989 1.015 0.90 1.30 22x30 120 380Lx121m350h022 1.382 0.484 1.00 1.40 22x30 120 380Lx121m350h022 1.658 0.846 1.00 1.40 22x30 120 380L121m350h032 1.658 0.846 0.50 0.70 22x35 120 380Lx121m350j012 1.658 0.846 1.00 1.40 25x25 120 380L121m350j022 1.658 0.846 0.50 0.70 25x30 120 380L121m350k012 1.658 0.846 0.50 0.70 30x25 150 380Lx151m350j012 1.105 0.387 1.12 1.57 25x25 150 380Lx151m350h032 1.326 0.677 1.10 1.60 22x35 150 380L151m350h042 1.326 0.677 0.50 0.70 22x40 150 380Lx151m350j022 1.326 0.677 1.10 1.60 25x30 150 380L151m350j012 1.326 0.677 0.50 0.70 25x35 150 380L151m350k012 1.326 0.677 0.50 0.70 30x25 150 380Lx151m350k012 1.326 0.677 1.10 1.60 30x25 180 380Lx181m350j022 0.921 0.322 1.22 1.71 25x30 180 380Lx181m350h042 1.105 0.546 1.20 1.70 22x40 180 380Lx181m350j032 1.105 0.546 1.20 1.70 25x35 180 380L181m350j042 1.105 0.546 0.60 0.80 25x40 180 380Lx181m350k012 1.105 0.546 1.20 1.70 30x25 180 380L181m350k022 1.105 0.546 0.60 0.80 30x30 max. esr ripple amps nominal cap. catalog ? @ 25 ? max. @ 85 ? size dxl ? number 120 hz 20 khz 120 hz 20 khz (mm) free datasheet http://www..net/
aluminum snap-in capacitors 140 technology place liberty, sc 29657 (864) 843-2277, fax (864) 843-3800 http://www.cornell-dubilier.com e-mail: cde@cornell-dubilier.com 2.068 cornell dubilier your source for capacitor solutions 450 vdc (500 vdc surge) (cont?) 47 380L470m450h022 4.233 2.160 0.60 0.80 22x30 47 380Lx470m450j202 4.233 2.160 0.30 0.40 25x20 47 380L470m450j012 4.233 2.160 0.60 0.80 25x25 56 380Lx560m450g022 3.553 1.813 0.70 1.00 20x30 56 380Lx560m450h012 3.553 1.813 0.70 1.00 22x25 68 380Lx680m450g032 2.926 1.493 0.80 1.10 20x35 68 380Lx680m450h022 2.926 1.493 0.80 1.10 22x30 68 380L680m450h042 2.926 1.493 0.80 1.10 22x40 68 380L680m450j022 2.926 1.493 0.80 1.10 25x30 68 380Lx680m450k202 2.926 1.493 0.40 0.50 30x20 68 380L680m450k012 2.926 1.493 0.80 1.10 30x25 82 380Lx820m450g032 2.426 1.238 0.80 1.20 20x35 82 380Lx820m450h022 2.426 1.238 0.80 1.20 22x30 82 380Lx820m450j012 2.426 1.238 0.80 1.20 25x25 100 380Lx101m450h032 1.989 1.015 0.90 1.30 22x35 100 380L101m450h052 1.989 1.015 1.10 1.50 22x50 100 380Lx101m450j022 1.989 1.015 0.90 1.30 25x30 100 380L101m450j042 1.989 1.015 1.00 1.40 25x40 100 380Lx101m450k012 1.989 1.015 0.90 1.30 30x25 100 380L101m450k022 1.989 1.015 1.00 1.40 30x30 100 380Lx101m450a202 1.989 1.015 0.50 0.70 35x20 120 380Lx121m450h042 1.658 0.859 1.00 1.50 22x40 120 380Lx121m450j022 1.658 0.859 1.00 1.50 25x30 120 380Lx121m450k012 1.658 0.859 1.00 1.50 30x25 150 380Lx151m450h052 1.326 0.677 1.20 1.70 22x50 150 380Lx151m450j042 1.326 0.677 1.20 1.70 25x40 150 380L151m450j052 1.326 0.677 1.40 1.90 25x50 150 380Lx151m450k022 1.326 0.677 1.20 1.70 30x30 150 380L151m450k042 1.326 0.677 1.40 1.90 30x40 150 380L151m450a022 1.326 0.677 1.40 1.90 35x30 180 380Lx181m450j042 0.921 0.368 1.35 1.89 25x40 180 380Lx181m450k022 0.921 0.368 1.35 1.89 30x30 180 380Lx181m450j452 1.105 0.564 1.40 1.90 25x45 180 380xl181m450k032 1.105 0.564 1.40 1.90 30x35 180 380Lx181m450a012 1.105 0.564 1.40 1.90 35x25 220 380Lx221m450j452 0.754 0.301 1.55 2.17 25x45 220 380Lx221m450k032 0.754 0.301 1.55 2.17 30x35 220 380Lx221m450j052 0.904 0.461 1.60 2.20 25x50 220 380Lx221m450k042 0.904 0.461 1.60 2.20 30x40 220 380L221m450k052 0.904 0.461 1.90 2.60 30x50 220 380Lx221m450a022 0.904 0.461 1.60 2.20 35x30 220 380L221m450a042 0.904 0.461 1.90 2.60 35x40 270 380Lx271m450a022 0.614 0.246 1.78 2.49 35x30 270 380Lx271m450k452 0.737 0.376 1.80 2.50 30x45 270 380Lx271m450a032 0.737 0.376 1.80 2.50 35x35 330 380Lx331m450a032 0.553 0.221 2.01 2.81 35x35 330 380Lx331m450k052 0.603 0.308 2.00 2.80 30x50 330 380Lx331m450a042 0.603 0.308 2.00 2.80 35x40 330 380L331m450a052 0.603 0.308 2.50 3.50 35x50 390 380Lx391m450a452 0.510 0.260 2.20 3.10 35x45 470 380Lx471m450a452 0.423 0.233 2.53 3.54 35x45 470 380Lx471m450a052 0.423 0.216 2.50 3.50 35x50 470 382lx471m450n042 0.423 0.233 2.53 3.54 40x40 560 382l561m450n052 0.250 0.135 2.90 3.90 40x50 560 380Lx561m450a062 0.355 0.195 2.90 4.10 35x63 560 380Lx561m450a052 0.355 0.171 2.50 3.50 35x50 680 382l681m450n062 0.201 0.109 3.40 4.50 40x63 680 380L681m450a072 0.226 0.120 3.20 4.20 35x70 680 382lx681m450n052 0.366 0.187 3.00 4.20 40x50 820 380Lx821m450a082 0.243 0.133 3.80 5.30 35x80 820 382lx821m450b052v 0.263 0.145 4.31 4.96 50x50 820 382lx821m450n062 0.303 0.153 3.20 4.50 40x63 1000 382lx102m450b062v 0.216 0.119 4.96 6.94 50x63 1200 382lx122m450n082 0.166 0.091 4.85 6.80 40x80 1200 380Lx122m450a102 0.166 0.091 4.80 6.72 35x105 1200 382lx122m450b082v 0.180 0.099 5.71 7.99 50x80 types 380L, 382l, 380Lx & 382lx, 85 c high-capacitance snap-in max. esr ripple amps nominal cap. catalog ? @ 25 ? max. @ 85 ? size dxl ? number 120 hz 20 khz 120 hz 20 khz (mm) 400 vdc (450 vdc surge) (cont?) 82 380Lx820m400h012 2.426 1.238 0.80 1.20 22x25 100 380Lx101m400g032 1.989 1.050 0.90 1.30 20x35 100 380Lx101m400h022 1.989 1.050 0.90 1.30 22x30 100 380L101m400h042 1.989 1.050 0.90 1.30 22x40 100 380Lx101m400j012 1.989 1.050 0.90 1.30 25x25 100 380L101m400j022 1.989 1.050 0.90 1.30 25x30 100 380Lx101m400k202 1.989 1.050 0.50 0.70 30x20 100 380L101m400k012 1.989 1.050 0.90 1.30 30x25 120 380Lx121m400j012 1.382 0.484 1.02 1.43 25x25 120 380Lx121m400g042 1.658 0.846 1.00 1.40 20x40 120 380Lx121m400h032 1.658 0.846 1.00 1.40 22x35 120 380Lx121m400j022 1.658 0.846 1.00 1.40 25x30 150 380Lx151m400h042 1.326 0.677 1.20 1.60 22x40 150 380L151m400h052 1.326 0.677 1.30 1.80 22x50 150 380Lx151m400j022 1.326 0.677 1.20 1.60 25x30 150 380L151m400j042 1.326 0.677 1.30 1.80 25x40 150 380Lx151m400k012 1.326 0.677 1.20 1.60 30x25 150 380L151m400k022 1.326 0.677 1.20 1.70 30x30 150 380Lx151m400a202 1.326 0.677 0.60 0.80 35x20 180 380Lx181m400j022 0.921 0.322 1.44 2.02 25x30 180 380Lx181m400h452 1.105 0.546 1.40 2.00 22x45 180 380Lx181m400j032 1.105 0.546 1.40 2.00 25x35 180 380Lx181m400k022 1.105 0.546 1.40 2.00 30x30 220 380Lx221m400h052 0.904 0.461 1.50 2.10 22x50 220 380Lx221m400j042 0.904 0.461 1.50 2.10 25x40 220 380L221m400j052 0.904 0.461 1.70 2.40 25x50 220 380Lx221m400k022 0.904 0.461 1.50 2.10 30x30 220 380L221m400k042 0.904 0.461 1.70 2.40 30x40 220 380L221m400a022 0.904 0.461 1.60 2.30 35x30 270 380Lx271m400j452 0.737 0.376 1.70 2.30 25x45 270 380Lx271m400k032 0.737 0.376 1.70 2.30 30x35 270 380L271m400k052 0.737 0.371 2.00 2.90 30x50 270 380Lx271m400a022 0.737 0.376 1.70 2.30 35x30 270 380L271m400a042 0.737 0.376 2.00 2.90 35x40 330 380Lx331m400a022 0.553 0.193 1.90 2.66 35x30 330 380Lx331m400k042 0.603 0.308 1.90 2.70 30x40 330 380Lx331m400a032 0.603 0.308 1.90 2.70 35x35 390 380Lx391m400a032 0.468 0.164 2.13 2.98 35x35 390 380Lx391m400k452 0.510 0.260 2.10 3.00 30x45 390 380Lx391m400a042 0.510 0.260 2.10 3.00 35x40 390 380L391m400a052 0.510 0.260 2.70 3.80 35x50 470 380Lx471m400a042 0.388 0.136 2.39 3.35 35x40 470 380Lx471m400a452 0.423 0.216 2.40 3.30 35x45 560 380Lx561m400a452 0.326 0.114 2.69 3.77 35x45 560 382lx561m400n042 0.326 0.114 2.70 3.80 40x40 560 380Lx561m400a052 0.355 0.216 2.70 3.80 35x50 680 380Lx681m400a052 0.295 0.148 2.90 4.10 35x50 820 380L821m400a072 0.214 0.118 3.20 4.20 35x70 820 380Lx821m400a062 0.222 0.078 3.55 4.97 35x63 820 382lx821m400n052 0.303 0.155 3.20 4.50 40x50 1000 380L102m400a082 0.179 0.099 3.60 4.80 35x80 1000 382lx102m400b052v 0.199 0.080 4.76 5.47 50x50 1000 382lx102m400n062 0.249 0.127 3.40 4.80 40x63 1200 380Lx122m400a082 0.152 0.053 4.52 6.33 35x80 1200 382lx122m400n062 0.152 0.053 4.52 6.33 40x63 1200 382lx122m400b062v 0.166 0.066 5.47 7.66 50x63 1500 380Lx152m400a102 0.122 0.043 5.44 7.62 35x105 1500 382lx152m400n082 0.122 0.043 5.50 7.70 40x80 1500 382lx152m400b082v 0.133 0.053 6.47 9.06 50x80 1800 382lx182m400n102 0.101 0.035 6.53 9.14 40x105 1800 382lx182m400b092v 0.111 0.044 7.35 10.29 50x92 2200 382lx222m400b102v 0.090 0.036 8.43 11.80 50x105 450 vdc (500 vdc surge) 33 380Lx330m450h202 6.029 3.080 0.20 0.30 22x20 33 380L330m450h012 6.029 3.080 0.50 0.70 22x25 max. esr ripple amps nominal cap. catalog ? @ 25 ? max. @ 85 ? size dxl ? number 120 hz 20 khz 120 hz 20 khz (mm) free datasheet http://www..net/
140 technology place liberty, sc 29657 (864) 843-2277, fax (864) 843-3800 http://www.cornell-dubilier.com e-mail: cde@cornell-dubilier.com 2.069 types 380L, 380Lx, and 382lx, 85 c high-capacitance snap-in cornell dubilier your source for capacitor solutions aluminum snap-in capacitors 500 vdc (550 vdc surge) (cont?) 150 380Lx151m500a012 1.105 0.442 1.29 1.80 35x25 180 380Lx181m500a032 0.912 0.555 1.60 2.20 35x35 180 380Lx181m500j052 0.921 0.388 1.38 1.93 25x50 180 380Lx181m500a022 0.921 0.388 1.38 1.93 35x30 220 380Lx221m500k052 0.654 0.397 2.00 2.70 30x50 220 380Lx221m500a042 0.749 0.456 1.90 2.50 35x40 220 380Lx221m500k452 0.754 0.339 1.50 2.10 30x45 220 380Lx221m500a032 0.754 0.339 1.50 2.10 35x35 270 380Lx271m500a052 0.529 0.322 2.30 3.10 35x50 270 382l271m500n042 0.549 0.342 2.40 3.20 40x40 270 380Lx271m500a042 0.614 0.278 1.76 2.46 35x40 330 380Lx331m500a452 0.502 0.251 1.99 2.79 35x45 330 382lx331m500n042 0.502 0.276 2.16 3.00 40x40 390 382l391m500n052 0.388 0.242 2.90 3.90 40x50 390 380Lx391m500a062 0.423 0.257 2.70 3.60 35x63 390 380Lx391m500a052 0.425 0.234 2.22 3.11 35x50 470 382l471m500n062 0.311 0.194 3.40 4.50 40x63 470 380Lx471m500a062 0.353 0.194 2.58 3.61 35x63 470 380Lx471m500a072 0.353 0.215 3.20 4.20 35x70 470 382lx471m500n052 0.353 0.194 2.70 3.78 40x50 560 380Lx561m500a082 0.295 0.179 3.60 4.80 35x80 560 382lx561m500n062 0.326 0.179 3.11 4.35 40x63 560 382lx561m500b052v 0.355 0.195 3.52 4.05 50x50 680 382l681m500n082 0.218 0.135 4.50 6.00 40x80 680 380Lx681m500n0822 0.244 0.134 3.21 4.49 35x80 680 382lx681m500b062v 0.293 0.161 4.07 5.70 50x63 820 380Lx821m500a102 0.202 0.111 3.97 5.56 35x105 820 382lx821m500n082 0.222 0.122 3.88 5.43 40x80 1000 382lx102m500b082v 0.199 0.109 5.05 7.07 50x80 1200 382lx122m500n102 0.152 0.084 5.90 8.26 40x105 1200 382lx122m500b092v 0.166 0.091 5.74 8.04 50x92 1500 382lx152m500b102v 0.144 0.079 6.65 9.31 50x105 max. esr ripple amps nominal cap. catalog ? @ 25 ? max. @ 85 ? size dxl ? number 120 hz 20 khz 120 hz 20 khz (mm) 450 vdc (500 vdc surge) (cont?) 1500 382lx152m450n102v 0.133 0.073 5.81 8.13 40x105 1500 382lx152m450b092v 0.144 0.079 6.55 9.17 50x92 1800 382lx182m450b102v 0.120 0.066 7.38 10.30 50x105 500 vdc (550 vdc surge) 33 380Lx330m500h012 3.850 2.353 0.60 0.80 22x25 47 380Lx470m500h012 2.800 1.716 0.60 0.80 22x25 47 380Lx470m500j012 2.830 1.742 0.60 0.80 25x25 56 380Lx560m500h032 2.250 1.352 0.70 1.00 22x35 56 380Lx560m500h022 2.980 1.184 0.70 0.98 22x30 68 380Lx680m500h042 1.860 1.109 0.80 1.10 22x40 68 380Lx680m500j022 2.080 1.284 0.80 1.10 25x30 68 380Lx680m500h032 2.438 0.975 0.78 1.09 22x35 68 380Lx680m500j012 2.438 0.975 0.78 1.09 25x25 82 380Lx820m500j032 1.630 1.006 0.90 1.20 25x35 82 380Lx820m500k012 1.960 1.186 0.90 1.20 30x25 82 380Lx820m500h042 2.022 0.809 0.88 1.23 22x40 82 380Lx820m500j022 2.022 0.809 0.88 1.23 25x30 100 380Lx101m500h052 1.280 0.785 1.00 1.20 22x50 100 380Lx101m500j042 1.340 0.828 1.10 1.50 25x40 100 380Lx101m500k022 1.440 0.871 1.10 1.50 30x30 100 380Lx101m500a012 1.580 0.962 1.10 1.50 35x25 100 380Lx101m500h452 1.658 0.663 0.99 1.39 22x45 100 380Lx101m500j032 1.658 0.663 0.99 1.39 25x35 120 380Lx121m500k032 1.130 0.683 1.40 1.90 30x35 120 380Lx121m500a022 1.160 0.707 1.40 1.90 35x30 120 380Lx121m500h052 1.382 0.553 1.13 1.58 22x50 120 380Lx121m500j042 1.382 0.553 1.13 1.58 25x40 120 380Lx121m500k022 1.382 0.553 1.13 1.58 30x30 150 380Lx151m500k042 0.926 0.562 1.60 2.20 30x40 150 380Lx151m500j052 0.945 0.585 1.40 1.90 25x50 150 380Lx151m500j452 1.105 0.442 1.29 1.80 25x45 max. esr ripple amps nominal cap. catalog ? @ 25 ? max. @ 85 ? size dxl ? number 120 hz 20 khz 120 hz 20 khz (mm) free datasheet http://www..net/


▲Up To Search▲   

 
Price & Availability of 380L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X